Part Number Hot Search : 
11080 LX220 SMCJ1 25NF10 SMCJ1 NMU2006H AAT31 TA7733
Product Description
Full Text Search
 

To Download BFS483 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFS 483
NPN Silicon RF Transistor * For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA * fT = 8GHz
F = 1.2dB at 900MHz
* Two (galvanic) internal isolated Transistors in one package
ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Marking Ordering Code Pin Configuration BFS 483 RHs Q62702-F1574 1/4 = B 2/5 = E 3/6 = C
Package SOT-363
data below is of a single transistor
Maximum Ratings Parameter Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation Symbol Values 12 20 20 2 65 5 mW 450 150 - 65 ... + 150 - 65 ... + 150 C mA Unit V
VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
TS 40 C
Junction temperature Ambient temperature Storage temperature Thermal Resistance Junction - soldering point
1)
RthJS
245
K/W
1) TS is measured on the collector lead at the soldering point to the pcb.
Semiconductor Group
1
Dec-16-1996
BFS 483
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
12 100 -
V A 100 nA 100 A 1 50 200
IC = 1 mA, IB = 0
Collector-emitter cutoff current
ICES ICBO IEBO hFE
VCE = 20 V, VBE = 0
Collector-base cutoff current
VCB = 10 V, IE = 0
Emitter-base cutoff current
VEB = 1 V, IC = 0
DC current gain
IC = 15 mA, VCE = 8 V
Semiconductor Group
2
Dec-16-1996
BFS 483
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. AC Characteristics Transition frequency Values typ. max. Unit
fT
6 8 0.4 0.13 1 -
GHz pF 0.6 dB 1.2 2 -
IC = 25 mA, VCE = 8 V, f = 500 MHz
Collector-base capacitance
Ccb Cce
-
VCB = 10 V, f = 1 MHz
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Emitter-base capacitance
Ceb
-
VEB = 0.5 V, f = 1 MHz
Noise figure
F
IC = 5 mA, VCE = 8 V, ZS = ZSopt f = 900 MHz f = 1.8 GHz
Power gain
1)
Gms
19 -
IC = 15 mA, VCE = 8 V, f = 900 MHz ZS = ZSopt, ZL = ZLopt
Power gain
2)
Gma
|S21e|2 15 9.5 12.5 -
IC = 15 mA, VCE = 8 V, f = 1.8 GHz ZS = ZSopt, ZL = ZLopt
Transducer gain
IC = 15 mA, VCE = 8 V, ZS =ZL= 50 f = 900 MHz f = 1.8 GHz
1) Gms = |S21/S12| 2) Gma = |S21/S12| (k-(k2-1)1/2)
Semiconductor Group
3
Dec-16-1996
BFS 483
Total power dissipation Ptot = f (TA*, TS)
* Package mounted on epoxy
500 mW
Ptot
400
TS
350 300 250 200
TA
150 100 50 0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax/PtotDC = f (tp)
10 3
10 2
RthJS
K/W
Ptotmax/PtotDC D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 2 0.5 0.2 0. 1 0.05 0.2 0.1 0.005 D=0
10 1
10 1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
4
Dec-16-1996
BFS 483
Collector-base capacitance Ccb = f (VCB) VBE = vbe = 0, f = 1MHz
Transition frequency fT = f (IC)
VCE = Parameter
1.0 pF
8
GHZ
Ccb
0.8 0.7 0.6 0.5 0.4 0.3
fT
6 8V 5
4
5V 3V 2V
3
2 0.2 0.1 0.0 0 4 8 12 16 V VR 22 1 0 0 10 20 30 40 50
1V 0.7V
60 mA 75 IC
Power Gain Gma, Gms = f(IC)
f = 0.9GHz VCE = Parameter
20 dB
Power Gain Gma, Gms = f(IC)
f = 1.8GHz VCE = Parameter
14
dB
G
16 14 12 10 8
8V 5V 3V
G
8V 10 5V 8 2V 3V 6 1V 2V 4
6 0.7V 4
2 2 0 0 10 20 30 40 50 60 mA 75 IC 0 0 10 20 30 40 50
1V 0.7V 60 mA 75 IC
Semiconductor Group
5
Dec-16-1996
BFS 483
Power Gain Gma, Gms = f(VCE):_____
|S21 |2 = f(VCE):---------
Intermodulation Intercept Point IP3=f(IC)
(3rd order, Output, ZS=ZL=50)
f = Parameter
20
VCE = Parameter, f = 900MHz
30
IC=15mA
dB
0.9GHz
dBm
8V
G
16 0.9GHz 14 12 10 8 1.8GHz
IP3
26 24 22 20 3V 5V
1.8GHz 18 2V 16
6 4 2 0 0 1 2 3 4 5 6 7 8 V 10
14 12 1V 10 8 0 4 8 12 16 20 24 28 32 mA 38 IC
V CE
Power Gain Gma, Gms = f(f)
VCE = Parameter
32 dB 28
Power Gain |S21|2= f(f)
VCE = Parameter
30
IC=15mA
dB
IC=15mA
G
26 24 22 20 18 16 14 12 10 8 6 4 0.0 8V 1V 0.7V 0.5 1.0 1.5 2.0 2.5 GHz f 3.5
S21
20
15
10
5
8V 1V 0.7V
0 0.0
0.5
1.0
1.5
2.0
2.5
GHZ f
3.5
Semiconductor Group
6
Dec-16-1996


▲Up To Search▲   

 
Price & Availability of BFS483

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X